Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
 

To Download HA-2640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 HA-2640, ha-2645 4mhz, high supply voltage operational amplifiers HA-2640 and ha-2645 are monolithic operational ampli?rs which are designed to deliver unprecedented dynamic speci?ations for a high voltage internally compensated device. these dielectrically isolated devices offer very low values for offset voltage and offset current coupled with large output voltage swing and common mode input voltage. for maximum reliability, these ampli?rs offer unconditional output overload protection through current limiting and a chip temperature sensing circuit. this sensing device turns the ampli?r ?ff? when the chip reaches a certain temperature level. these ampli?rs deliver 35v common mode input voltage range, 35v output voltage swing, and up to 40v supply range for use in such designs as regulators, power supplies, and industrial control systems. 4mhz gain bandwidth and 5v/ s slew rate make these devices excellent components for high performance signal conditioning applications. outstanding input and output voltage swings coupled with a low 5na offset current make these ampli?rs excitation designs. features output voltage swing . . . . . . . . . . . . . . . . . . . . . . . . 35v supply voltage . . . . . . . . . . . . . . . . . . . . . . 10v to 40v offset current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5na bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4mhz slew rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5v/ s common mode input voltage range . . . . . . . . . . . . 35v output overload protection applications industrial control systems power supplies high voltage regulators resolver excitation signal conditioning pinouts ordering information part number temp. range ( o c) package pkg. no. ha2-2640-2 -55 to 125 8 pin metal can t8.c ha2-2645-5 0 to 75 8 pin metal can t8.c ha7-2640-2 -55 to 125 8 ld cerdip f8.3a ha7-2645-5 0 to 75 8 ld cerdip f8.3a HA-2640/2645 (cerdip) top view HA-2640/2645 (metal can) top view bal -in +in v- 1 2 3 4 8 7 6 5 comp v+ out bal - + comp out -in v- bal +in v+ bal 2 4 6 1 3 7 5 8 - + (to-99 case voltage = floating) data sheet september 1998 file number 2904.3 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | copyright intersil corporation 1999
2 absolute maximum ratings thermal information voltage between v+ and v- terminals. . . . . . . . . . . . . . . . . . . 100v differential input voltage range . . . . . . . . . . . . . . . . . . . . . . . . 37v output current . . . . . . . . . . . . . . . . . . . . full short circuit protection operating conditions temperature range HA-2640-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 o c to 125 o c ha-2645-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 o c to 75 o c thermal resistance (typical, note 1) ja ( o c/w) jc ( o c/w) cerdip package. . . . . . . . . . . . . . . . . 135 50 metal can package . . . . . . . . . . . . . . . 165 80 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . .175 o c maximum storage temperature range . . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . 300 o c caution: stresses above those listed in ?bsolute maximum ratings may cause permanent damage to the device. this is a stress only rating and operatio n of the device at these or any other conditions above those indicated in the operational sections of this speci?ation is not implied. note: 1. ja is measured with the component mounted on an evaluation pc board in free air. electrical speci?ations v supply = 40v, r l = 5k ? , unless otherwise speci?d parameter test conditions temp ( o c) HA-2640-2 -55 o c to 125 o c ha-2645-5 0 o c to 75 o c units min typ max min typ max input characteristics offset voltage 25 - 2 4 - 2 6 mv full - 6 - - 7 mv average offset voltage drift full - 15 - - 15 - v/ o c bias current 25 - 10 25 - 12 30 na full - - 50 - - 50 na offset current 25 - 5 12 - 15 30 na full - - 35 - - 50 na input resistance (note 2) 25 50 250 - 40 200 - m ? common mode range full 35 - - 35 - - v transfer characteristics large signal voltage gain v out = 30v 25 100 200 - 100 200 - kv/v full 75 - - 75 - - kv/v common mode rejection ratio v cm = 20v full 80 100 - 74 100 - db minimum stable gain 25 1 - - 1 - - v/v unity gain bandwidth v out = 90mv 25 - 4 - - 4 - mhz output characteristics output voltage swing full 35 - - 35 - - v output current r l = 1k ? 25 12 15 - 10 12 - ma output resistance open loop 25 - 500 - - 500 - ? full power bandwidth (note 3) v out = 35v 25 - 23 - - 23 - khz transient response a v = +1, c l = 50pf, r l = 5k ? rise time v out = 200mv 25 - 60 135 - 60 135 ns overshoot v out = 200mv 25 - 15 30 15 40 % slew rate 25 3 5- 2.5 5-v/ s power supply characteristics supply current 25 - 3.2 3.8 - 3.2 4.5 ma supply voltage range full 10 - 40 10 - 40 v power supply rejection ratio v s = 10v to 40v full 80 90 - 74 90 - db notes: 2. this parameter is based upon design calculations. 3. full power bandwidth guaranteed based upon slew rate measurement: fpbw = s.r./2 v peak ; v peak = 35v. HA-2640, ha-2645
3 schematic diagram test circuits and waveform figure 1. slew rate and transient response test circuit note: tested offset adjustment range is |v os +1mv| minimum referred to output. typical range is 20mv with r t = 10k ? . figure 2. suggested v os adjustment and compensation hook up bal bal 51 2 -in 6 v out d 11 d 16 d 15 r 23 r 24 q 59 q 57 q 60 q 58 q 55 r 22 r 21 q 53 q 51 q 56 q 54 q 52 q 50 q 49 r 20 r 19 r 18 r 17 r 27 r 26 q 44 q 41 r 16 r 15 r 14 r 13 q 48 c 2 q 42 c 3 c 4 c 1 q 43 d 12 q 47 q 46 14 d 10 r 11 r 10 q 11 r 3 r 2 q9 q 10 q 8 q 13 q 6 q 4 d 2 d 3 q 12 q 19 d 4 d 5 d 6 d 7 q 7 q 5 q 3 r 4 q 61 q 1 r 1 r 25 d 17 r 25 r 5 r 6 r 7 r 8 r 9 r 12 q 15 q 17 q 34 q 28 q 30 q 18 q 35 q 31 q 29 q 40 q 36 q 37 q 38 q 39 q 32 q 33 q 24 q 23 q 22 q 21 q 20 q 25 q 26 q 27 d 13 7 v+ 4 v- q 16 3 +in d 8 d 9 8 comp 50pf out in 5k + v- v+ - 2 4 6 1 3 7 5 8 - + comp cap v- 10k ? HA-2640, ha-2645
4 note: r l =5k ? ,c l = 50pf, t a =25 o c, v s = 40v figure 3. voltage follower pulse response test circuits and waveform (continued) vertical = 10v/div., horizontal = 5 s/div. typical performance curves v s = 40v, t a = 25 o c, unless otherwise speci?d figure 4. input bias and offset current vs temperature figure 5. input noise characteristics figure 6. normalized ac parameters vs temperature figure 7. open loop frequency response temperature ( o c) 0 -50 -25 25 50 75 100 125 current (na) 25 20 15 10 5 0 bias current offset current frequency (hz) 100k 10k 1k 100 10 1 input noise voltage (nv/ hz) 1 10 100 1000 input noise current input noise voltage 0.01 0.1 1 10 input noise current (pa/ hz) temperature ( o c) 0 -50 -25 25 50 75 100 125 1.4 1.2 1.0 0.8 slew rate bandwidth normalized value referred to 25 o c frequency (hz) 100k 10k 1k 100 10 1m 10m 270 225 180 135 90 45 0 -40 0 40 80 120 phase gain open loop voltage gain (db) phase angle (degrees) HA-2640, ha-2645
5 figure 8. normalized ac parameters vs supply voltage at 25 o c figure 9. open loop frequency response for various values of capacitors from compensation pin to ground figure 10. output voltage swing vs frequency figure 11. output current characteristic figure 12. supply current vs supply voltage figure 13. output voltage swing vs supply voltage typical performance curves v s = 40v, t a = 25 o c, unless otherwise speci?d (continued) supply voltage ( v) 0.8 slew rate bandwidth 10 20 30 40 0.9 1.0 1.1 1.2 normalized value referred to 30v frequency (hz) 100k 10k 1k 100 10 1m 10m 0pf 30pf 100pf 300pf 1,000pf open loop gain (db) 40 0 40 80 120 aut c comp c l = 100pf v supply = 40v v supply = 20v v supply = 10v frequency (hz) 1k 100k 1m 10k 0.1 1.0 10.0 100 output voltage swing (v p-p ) output load current (ma) -10 -20 -40 -30 a v = 1, v supply = 40v v in = -35v a v = 1, v supply = 20v v in = -15v 125 o c 25 o c -55 o c output voltage (v) 20 15 10 5 125 o c -55 o c 25 o c 10 20 40 30 a v = 1, v supply = 40v v in = +35v a v = 1, v supply = 20v v in = +15v 125 o c 25 o c -10 -5 -55 o c -15 -20 -55 o c 125 o c 25 o c supply voltage ( v) supply current (ma) 10 15 20 25 30 35 40 -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5 +i cc -i cc supply voltage ( v) output voltage swing ( v) 10 15 20 25 30 35 40 -40 -v out +v out -30 -20 -10 0 10 20 30 40 HA-2640, ha-2645
6 all intersil semiconductor products are manufactured, assembled and tested under iso9000 quality systems certi?ation. intersil semiconductor products are sold by description only. intersil corporation reserves the right to make changes in circuit design and/or spec ifications at any time with- out notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnished by intersil is b elieved to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of th ird parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see web site www.intersil.com sales of?e headquarters north america intersil corporation p. o. box 883, mail stop 53-204 melbourne, fl 32902 tel: (321) 724-7000 fax: (321) 724-7240 europe intersil sa mercure center 100, rue de la fusee 1130 brussels, belgium tel: (32) 2.724.2111 fax: (32) 2.724.22.05 asia intersil (taiwan) ltd. 7f-6, no. 101 fu hsing north road taipei, taiwan republic of china tel: (886) 2 2716 9310 fax: (886) 2 2715 3029 die characteristics die dimensions: 93 mils x 68 mils x 19 mils 2360 m x 1720 m x 483 m metallization: type: al, 1% cu thickness: 16k ? 2k ? passivation: type: nitride (si 3 n 4 ) over silox (sio 2 , 5% phos.) silox thickness: 12k ? 2k ? nitride thickness: 3.5k ? 1.5k ? substrate potential (powered up): unbiased transistor count: 76 process: hv200 bipolar dielectric isolation metallization mask layout HA-2640, ha-2645 comp v+ out bal v- +in -in bal HA-2640, ha-2645


▲Up To Search▲   

 
Price & Availability of HA-2640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X